|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0307001080 Active hdac_64_dualrow_high_density_automotive_connectors 2.54mm (.100") Pitch, 0.64mm (.025") Width H-DAC 64TM High Density Automotive Connectors, Dual Row, Female Harness Assembly, 8 Circuits, Polarization Option 1, Gray Documents: Application Specification (PDF) Drawing (PDF) Product Specification PS-30700-0001 (PDF) Product Specification PS-30968-0001 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Series General Product Family Series Comments Overview Product Name Crimp Housings 30700 Polarization Option 1 hdac_64_dualrow_high_density_automotive_connectors H-DAC 64TM Physical Circuits (maximum) Color - Resin Gender Glow-Wire Compliant Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 8 Gray Female No Yes Modified Polystyrene 2 Bag No 0.100 In 2.54 mm Yes No -40C to +105C Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 30700Series Mates With 30700 Header, 30968 Crimp Housing Use With 34230 Terminal Electrical Current - Maximum per Contact 7A Material Info Reference - Drawing Numbers Application Specification Packaging Specification Product Specification Sales Drawing AS-30700-000 PK-30907-417 PS-30700-0001, PS-30968-0001 SD-30700-120 This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0307001080 |